|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CUSTOM COMPONENT MODEL 0200-07 SYNTHESIZER MODULE Guaranteed Specifications Parameter Frequency Output Reference D.C. Power Typical 65.536 MHz Diff. ECL 5.0 MHz @ 0 dBm +8.0 VDC @ 60 mA -5.0 VDC @ 200 mA Outline Drawing 2.00 Phase Noise -60 dBc @ 1.0 kHz 2.00 0.80 Pin Connections 0.80 1 6 1 2 +8.0 VDC 0.52 ALARM GROUND 5.0 MHz REF. ECL OUTPUT ECL OUTPUT -5.0 VDC 0.77 2 5 3 4 3 7 4 5 6 7 Block Diagram REF. /625 O OUT f OUT /8192 All characteristics of Tele-Tech products may be modified to meet customer requirements. P.O. Box 790, Bozeman, Montana 59717 Phone: (406) 586-0291 Fax: (406) 587-0653 E-mail: admin@tele-tech-rf.com |
Price & Availability of 0200-07 |